Part Number Hot Search : 
G4PH50S CTDO1 7D271 HN3A51F M800H HN3A51F 1N5819 16080
Product Description
Full Text Search
 

To Download SKM200GM12T4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SKM200GM12T4 ? by semikron rev. 0 ? 22.06.2009 1 semitrans ? 3 gm fast igbt4 modules SKM200GM12T4 features ?v ce(sat) with positive temperature coefficient ? high short circuit capability, self limiting to 6 x icnom ? fast & soft inverse cal diodes ? large clearance (10 mm) and creepage distances (20 mm) ? isolated copper baseplate using dbc technology (direct copper bonding) typical applications ? matrix inverter remarks ? case temperature limited to t c = 125c max, recomm. t op = -40 ... +150c, product rel. results valid for t j = 150 absolute maximum ratings symbol conditions values unit igbt v ces 1200 v i c t j = 175 c t c =25c 314 a t c =80c 242 a i cnom 200 a i crm i crm = 3xi cnom 600 a v ges -20 ... 20 v t psc v cc = 800 v v ge 15 v v ces 1200 v t j = 150 c 10 s t j -40 ... 175 c inverse diode i f t j = 175 c t c =25c 229 a t c =80c 172 a i fnom 200 a i frm i frm = 3xi fnom 600 a i fsm t p = 10 ms, sin 180, t j =25c 990 a t j -40 ... 175 c module i t(rms) 500 a t stg -40 ... 125 c v isol ac sinus 50hz, t = 1 min 4000 v characteristics symbol conditions min. typ. max. unit igbt v ce(sat) i c =200a v ge =15v chiplevel t j =25c 1.8 2.05 v t j = 150 c 2.2 2.4 v v ce0 t j =25c 0.8 0.9 v t j = 150 c 0.7 0.8 v r ce v ge =15v t j =25c 5.0 5.8 m ? t j = 150 c 7.5 8.0 m ? v ge(th) v ge =v ce , i c =7.6ma 5 5.8 6.5 v i ces v ge =0v v ce = 1200 v t j =25c 0.1 0.3 ma t j = 150 c ma c ies v ce =25v v ge =0v f=1mhz 12.3 n f c oes f=1mhz 0.81 nf c res f=1mhz 0.69 nf q g v ge =- 8 v...+ 15 v 1130 nc r gint t j =25c 3.8 ? t d(on) v cc = 600 v i c =200a v ge =15v r g on =1 ? r g off =1 ? di/dt on = 5500 a/s di/dt off = 2300 a/s t j = 150 c 185 n s t r t j = 150 c 40 ns e on t j = 150 c 21 mj t d(off) t j = 150 c 425 n s t f t j = 150 c 82 ns e off t j = 150 c 20 mj r th(j-c) per igbt 0.14 k/w
SKM200GM12T4 2 rev. 0 ? 22.06.2009 ? by semikron characteristics symbol conditions min. typ. max. unit inverse diode v f = v ec i f =200a v ge =0v chip t j =25c 2.2 2.52 v t j = 150 c 2.15 2.47 v v f0 t j =25c 1.3 1.5 v t j = 150 c 0.9 1.1 v r f t j =25c 4.5 5.1 m ? t j = 150 c 6.3 6.8 m ? i rrm i f =200a di/dt off = 4450 a/s v ge =15v v cc = 600 v t j = 150 c 174 a q rr t j = 150 c 33 c e rr t j = 150 c 13 mj r th(j-c) per diode 0.26 k/w module l ce 15 20 nh r cc'+ee' terminal-chip t c =25c 0.25 m ? t c = 125 c 0.5 m ? r th(c-s) per module 0.02 0.038 k/w m s to heat sink m6 3 5 nm m t to terminals m6 2.5 5 nm nm w 325 g semitrans ? 3 gm fast igbt4 modules SKM200GM12T4 features ?v ce(sat) with positive temperature coefficient ? high short circuit capability, self limiting to 6 x icnom ? fast & soft inverse cal diodes ? large clearance (10 mm) and creepage distances (20 mm) ? isolated copper baseplate using dbc technology (direct copper bonding) typical applications ? matrix inverter remarks ? case temperature limited to t c = 125c max, recomm. t op = -40 ... +150c, product rel. results valid for t j = 150
SKM200GM12T4 ? by semikron rev. 0 ? 22.06.2009 3 fig. 1: typ. output ch aracteristic, inclusive r cc'+ ee' fig. 2: rated current vs. temperature i c = f (t c ) fig. 3: typ. turn-on /-off energy = f (i c ) fig. 4: typ. turn-on /-off energy = f (r g ) fig. 5: typ. transfer characteristic fig. 6: typ. gate charge characteristic
SKM200GM12T4 4 rev. 0 ? 22.06.2009 ? by semikron fig. 7: typ. switching times vs. i c fig. 8: typ. switching times vs. gate resistor r g fig. 9: transient thermal impedance fig. 10: cal diode forward characteristic fig. 11: cal diode peak reverse recovery current fig. 12: typ. cal diode peak reverse recovery charge
SKM200GM12T4 ? by semikron rev. 0 ? 22.06.2009 5 this is an electrostatic discharge sensitive device (esds), international standard iec 60747-1, chapter ix. this technical information specifies semiconductor devices but promises no characteristics. no warranty or guarantee expressed or implied is made regarding delivery, performance or suitability. semitrans 3 gm


▲Up To Search▲   

 
Price & Availability of SKM200GM12T4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X